Part Number Hot Search : 
S9006K ER3461 224002 RX5VT AMP01FX ATA6824 34WECAK ECCM1
Product Description
Full Text Search
 

To Download 5SB206CR6-28V-BP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 
Double Contact Type Miniature BaseLED Lamps
Part Numbering System Guide
5 SB 2 0 6 C R 6
5SB 206
Base Type (Examples) 5SB BP W WT CF = T2#5 Teleslide = Bi-Pin Dome LED = Wedge = Wire Terminal = Cartridge 2 Pin Cylindrical Lens CD = Cartridge 2 Pin Dome Lens Series
28V
LED/Chip Brightness Code (Examples) 6-chip LEDs R6 = HE Red (635nm) R7 = UL Red (660nm) Y3K = SP Yel (595nm) 1-chip LEDs R3K = UL Red (660nm) O3K = SP Org (610nm) Y3K = SP Yel (595nm) W4K = Cool White IW2K = Incand White AG6K= SP Green (525nm) B1K = SP Blue (470nm) Infrared LEDs 881 = Hi-Power (880nm) 941 = Hi-Power (941nm)
BP
Polarity (Examples) BP = Bipolar AC/DC AC = AC Only Blank = Polarized B = Black Housing Standard Operating Voltage (Examples) 1.7VF 2VF 3.5VF 5VDC 6VDC 12VDC 14VDC 24VDC 28VDC 36VDC 48VDC 120VDC 120VAC
Options Electrical Characteristics
* of LEDs & base No.
OD characteristics (Examples) 206 = 5mm 6 chip 200 = 5mm 1 chip
* LED Lens
Type C = Clear
*
Submidget BiPin 3mm
BP121
BP122
BP124
Submidget Wire Terminal 3mm
WT121
WT122
WT124
Midget BiPin 5mm
BPF200
BP206
BP200
Midget Wire Terminal 5mm
Color Code R = Red O = Orange A = Amber Y = Yellow IW = Incand White PW= Pale White W = Cool White G = HE Green PG = Pure Green AG = Aqua Green BG = Blue Green B = Blue UB = Blue 430nm IR = Infrared
Notes: 1. Contact local salesman to determine best style for each application 2. (*) LED type and style, Lens type and style, LED brightness code determined by factory based on application 3. Not all possible combinations of color,voltage and polarity are available
2-Pin Cartridge 5mm
WTF200 WT206 WT200
Subminiature Wedge 5mm
CF290 WF150 WF200 W206
CD290
CFS290
Telephone Slide
Telephone Slide
5SBF200
5SB206
5SB3127
55SB206
1SB206
2SB206
23105 Kashiwa Court, Torrance, CA 90505 Phone: (800) 579-4875 or (310) 534-1505 Fax: (310) 534-1424 E-mail: webmaster@ledtronics.com Website: http://www.ledtronics.com
Log # 036B Rev 3-99


▲Up To Search▲   

 
Price & Availability of 5SB206CR6-28V-BP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X